Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6782A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD6782A
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6782A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD6782A Datasheet HTML 1Page - Fairchild Semiconductor FDD6782A Datasheet HTML 2Page - Fairchild Semiconductor FDD6782A Datasheet HTML 3Page - Fairchild Semiconductor FDD6782A Datasheet HTML 4Page - Fairchild Semiconductor FDD6782A Datasheet HTML 5Page - Fairchild Semiconductor FDD6782A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDD6782A Rev.C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 µA, VGS = 0 V
25
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, referenced to 25 °C
16
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 µA
1.0
1.8
3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 µA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 14.9 A
8.3
10.5
m
VGS = 4.5 V, ID = 11.0 A
17.8
24.0
VGS = 10 V, ID = 14.9 A, TJ = 150 °C
12.7
16.1
gFS
Forward Transconductance
VDS = 5 V, ID = 14.9 A
60
S
Ciss
Input Capacitance
VDS = 13 V, VGS = 0 V,
f = 1MHz
800
1065
pF
Coss
Output Capacitance
162
220
pF
Crss
Reverse Transfer Capacitance
151
230
pF
Rg
Gate Resistance
f = 1MHz
1.0
td(on)
Turn-On Delay Time
VDD = 13 V, ID = 14.9 A,
VGS = 10 V, RGEN = 6 Ω
714
ns
tr
Rise Time
310
ns
td(off)
Turn-Off Delay Time
15
27
ns
tf
Fall Time
24
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 13 V,
ID = 14.9 A
15
27
nC
Qg
Total Gate Charge
VGS = 0 V to 5 V
8
16
nC
Qgs
Gate to Source Charge
2.5
nC
Qgd
Gate to Drain “Miller” Charge
3.2
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 3.1 A
(Note 2)
0.8
1.2
V
VGS = 0 V, IS = 14.9 A
(Note 2)
0.9
1.3
trr
Reverse Recovery Time
IF = 14.9 A, di/dt = 100 A/µs
14
26
ns
Qrr
Reverse Recovery Charge
4
10
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: EAS of 12 mJ is based on starting TJ = 25 °C, L = 1 mH, IAS = 5 A, VDD = 23 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 12 A.
40 °C/W when mounted on a
1 in2 pad of 2 oz copper
96 °C/W when mounted
on a minimum pad.
a)
b)


Similar Part No. - FDD6782A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6782A ISC-FDD6782A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6782A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com