Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F2288 Datasheet(PDF) 74 Page - SONiX Technology Company

Part # SN8F2288
Description  8-Bit Micro-Controller
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2288 Datasheet(HTML) 74 Page - SONiX Technology Company

Back Button SN8F2288 Datasheet HTML 70Page - SONiX Technology Company SN8F2288 Datasheet HTML 71Page - SONiX Technology Company SN8F2288 Datasheet HTML 72Page - SONiX Technology Company SN8F2288 Datasheet HTML 73Page - SONiX Technology Company SN8F2288 Datasheet HTML 74Page - SONiX Technology Company SN8F2288 Datasheet HTML 75Page - SONiX Technology Company SN8F2288 Datasheet HTML 76Page - SONiX Technology Company SN8F2288 Datasheet HTML 77Page - SONiX Technology Company SN8F2288 Datasheet HTML 78Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 163 page
background image
SN8F2280 Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 74
Version 1.1
6.11 TC2 INTERRUPT OPERATION
When the TC2C counter overflows, the TC2IRQ will be set to “1” no matter the TC2IEN is enable or disable. If the
TC2IEN and the trigger event TC2IRQ is set to be “1”. As the result, the system will execute the interrupt vector. If the
TC2IEN = 0, the trigger event TC2IRQ is still set to be “1”. Moreover, the system won’t execute interrupt vector even
when the TC2IEN is set to be “1”. Users need to be cautious with the operation under multi-interrupt situation.
Example: TC1 interrupt request setup.
B0BCLR
FTC2IEN
; Disable TC2 interrupt service
B0BCLR
FTC2ENB
; Disable TC2 timer
MOV
A, #20H
;
B0MOV
TC2M, A
; Set TC2 clock = Fcpu / 64
MOV
A, #74H
; Set TC2C initial value = 74H
B0MOV
TC2C, A
; Set TC2 interval = 10 ms
B0BSET
FTC2IEN
; Enable TC2 interrupt service
B0BCLR
FTC2IRQ
; Clear TC2 interrupt request flag
B0BSET
FTC2ENB
; Enable TC2 timer
B0BSET
FGIE
; Enable GIE
Example: TC1 interrupt service routine.
ORG
8
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
; Push routine to save ACC and PFLAG to buffers.
B0BTS1
FTC2IRQ
; Check TC2IRQ
JMP
EXIT_INT
; TC1IRQ = 0, exit interrupt vector
B0BCLR
FTC2IRQ
; Reset TC2IRQ
MOV
A, #74H
B0MOV
TC1C, A
; Reset TC2C.
; TC2 interrupt service routine
EXIT_INT:
; Pop routine to load ACC and PFLAG from buffers.
RETI
; Exit interrupt vector


Similar Part No. - SN8F2288

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
More results

Similar Description - SN8F2288

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com