Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F2288 Datasheet(PDF) 82 Page - SONiX Technology Company

Part # SN8F2288
Description  8-Bit Micro-Controller
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2288 Datasheet(HTML) 82 Page - SONiX Technology Company

Back Button SN8F2288 Datasheet HTML 78Page - SONiX Technology Company SN8F2288 Datasheet HTML 79Page - SONiX Technology Company SN8F2288 Datasheet HTML 80Page - SONiX Technology Company SN8F2288 Datasheet HTML 81Page - SONiX Technology Company SN8F2288 Datasheet HTML 82Page - SONiX Technology Company SN8F2288 Datasheet HTML 83Page - SONiX Technology Company SN8F2288 Datasheet HTML 84Page - SONiX Technology Company SN8F2288 Datasheet HTML 85Page - SONiX Technology Company SN8F2288 Datasheet HTML 86Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 163 page
background image
SN8F2280 Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
7.3 I/O OPEN-DRAIN REGISTER
P1.0/P1.1/P0.6/P0.5 is built-in open-drain function. P1.0/P1.1/P0.6/P0.5 must be set as output mode when enable
P1.0/P1.1/P0.6/P0.5 open-drain function. Open-drain external circuit is as following.
U
MCU2
U
VCC
Open-drain pin
Open-drain pin
MCU1
Pull-up Resistor
The pull-up resistor is necessary. Open-drain output high is driven by pull-up resistor. Output low is sunken by MCU’s
pin.
0E9H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1OC
-
-
-
-
P06OC
P05OC
P11OC
P10OC
Read/Write
-
-
-
-
W
W
W
W
After reset
-
-
-
-
0
0
0
0
Bit [3:2]
P0nOC: Port 0 open-drain control bit
0 = Disable open-drain mode
1 = Enable open-drain mode
Bit [1:0]
P1nOC: Port 1 open-drain control bit
0 = Disable open-drain mode
1 = Enable open-drain mode
Example: Enable P1.0 to open-drain mode and output high.
B0BSET
P1.0
; Set P1.0 buffer high.
B0BSET
P10M
; Enable P1.0 output mode.
MOV
A, #01H
; Enable P1.0 open-drain function.
B0MOV
P1OC, A
Note: P1OC is write only register. Setting P10OC must be used “MOV” instructions.
Example: Disable P1.0 to open-drain mode and output low.
MOV
A, #0
; Disable P1.0 open-drain function.
B0MOV
P1OC, A
Note: After disable P1.0 open-drain function, P1.0 mode returns to last I/O mode.
SONiX TECHNOLOGY CO., LTD
Page 82
Version 1.1


Similar Part No. - SN8F2288

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
More results

Similar Description - SN8F2288

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com