Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST432 Datasheet(PDF) 3 Page - Stanson Technology

Part # ST432
Description  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST432 Datasheet(HTML) 3 Page - Stanson Technology

  ST432 Datasheet HTML 1Page - Stanson Technology ST432 Datasheet HTML 2Page - Stanson Technology ST432 Datasheet HTML 3Page - Stanson Technology ST432 Datasheet HTML 4Page - Stanson Technology ST432 Datasheet HTML 5Page - Stanson Technology ST432 Datasheet HTML 6Page - Stanson Technology ST432 Datasheet HTML 7Page - Stanson Technology ST432 Datasheet HTML 8Page - Stanson Technology ST432 Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ST432
Adjustable Precision Shunt Regulator
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST432 2007. V1
TYPICAL APPLICATION CIRCUIT
BLOCK DIAGRAM
ABSOULTE MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Parameter
Symbol
Value
Unit
Cathode Voltage
VZ
20
V
Continuous Cathode Current
IZ
100
mA
Reference Current
IREF
3
mA
Operation Junction Temperature Range
TJ
-40 ~ +150
Storage Temperature Range
TSTG
-65 ~ +150
Lead Temperature Range
(Soldering 10sec.)
TSOL
260
TO-92
140
SOT-23
206
SOT-23-5L
206
Thermal Resistance
ӨJA
SOT-353
252
/W
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage
that exceeds the performance of the protection circuit to the IC.


Similar Part No. - ST432

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA103MLZ COILCRAFT-ST432PNA103MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA104MLZ COILCRAFT-ST432PNA104MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA123MLZ COILCRAFT-ST432PNA123MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA153MLZ COILCRAFT-ST432PNA153MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
More results

Similar Description - ST432

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com