Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9401SRG Datasheet(PDF) 3 Page - Stanson Technology

Part # ST9401SRG
Description  P Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST9401SRG Datasheet(HTML) 3 Page - Stanson Technology

  ST9401SRG Datasheet HTML 1Page - Stanson Technology ST9401SRG Datasheet HTML 2Page - Stanson Technology ST9401SRG Datasheet HTML 3Page - Stanson Technology ST9401SRG Datasheet HTML 4Page - Stanson Technology ST9401SRG Datasheet HTML 5Page - Stanson Technology ST9401SRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST9401
ST9401
ST9401
ST9401
P Channel Enhancement Mode MOSFET
-3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST9401 2005. V1
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Static
Static
Static
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-0.4
-1.
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
-1
uA
VDS=-20V,VGS=0V
TJ=55℃
-10
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
VDS≦-5V,VGS=-2.5V
-6
-3
A
Drain-source On-Resistance
RDS(on)
VGS=-4.5V,ID=-2.8A
VGS=-2.5V,ID=-2.0A
0.085
0.110
0.110
0.120
Ω
Forward Transconductance
gfs
VDS=-5V,ID=-2.8V
6.5
S
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.8
-1.2
V
Dynamic
Dynamic
Dynamic
Dynamic
Total Gate Charge
Qg
VDS=-6V
VGS=-4.5V
ID≡-2.8A
5.8
10
nC
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
1.7
Input Capacitance
Ciss
VDS=-6V
VGS=0V
F=1MHz
415
pF
Output Capacitance
Coss
223
Reverse Transfer
Capacitance
Crss
87
Turn-On Time
td(on)
tr
VDD=-6V
RL=6Ω
ID=-1A
VGEN=-4.5V
RG=6Ω
13
25
nS
36
60
Turn-Off Time
td(off)
tf
42
70
34
60


Similar Part No. - ST9401SRG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST9401SRG VBSEMI-ST9401SRG Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - ST9401SRG

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com