Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP10N50F Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP10N50F
Description  N-Channel MOSFET 500V, 9A, 0.85廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP10N50F Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDP10N50F Datasheet HTML 1Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 2Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 3Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 4Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 5Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 6Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 7Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 8Page - Fairchild Semiconductor FDP10N50F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDP10N50F / FDPF10N50FT Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr iv e r
R G
Sa m e T y p e
as D U T
V GS
• d v / d t c ont r o lled by R
G
•I
SD c o nt r o l l ed by pul s e per i o d
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V DS
( DUT )
V DD
B ody D iode
F o r w ar d V o lt age D r op
V SD
I
FM , B ody D i ode F o r w ar d C u r r en t
B ody D iode R e v e r s e C u r r ent
I RM
B o d y D iod e R e c o v e r y d v / d t
di/ d t
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
-------------- ------------
DU T
V DS
+
_
Dr iv e r
R G
Sa m e T y p e
as D U T
V GS
• d v / d t c ont r o lled by R
G
•I
SD c o nt r o l l ed by pul s e per i o d
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V DS
( DUT )
V DD
B ody D iode
F o r w ar d V o lt age D r op
V SD
I
FM , B ody D i ode F o r w ar d C u r r en t
B ody D iode R e v e r s e C u r r ent
I RM
B o d y D iod e R e c o v e r y d v / d t
di/ d t
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
-------------- ------------
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
-------------- ------------


Similar Part No. - FDP10N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
Inchange Semiconductor ...
FDP10N60NZ ISC-FDP10N60NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
More results

Similar Description - FDP10N50F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
   N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
Alpha & Omega Semicondu...
AOT9N50 AOSMD-AOT9N50 Datasheet
164Kb / 6P
   500V, 9A N-Channel MOSFET
AOD9N50 AOSMD-AOD9N50 Datasheet
393Kb / 6P
   500V,9A N-Channel MOSFET
logo
Unisonic Technologies
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF9N50 MGCHIP-MDF9N50 Datasheet
771Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com