Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP10N60ZU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP10N60ZU
Description  N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP10N60ZU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP10N60ZU Datasheet HTML 1Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 2Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 3Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 4Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 5Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 6Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 7Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 8Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
April 2009
©2009 Fairchild Semiconductor Corporation
FDP10N60ZU/FDPF10N60ZUT Rev. A
www.fairchildsemi.com
1
UniFET
TM
FDP10N60ZU / FDPF10N60ZUT
N-Channel MOSFET, FRFET
600V, 9A, 0.8
Ω
Features
•RDS(on) = 0.65Ω ( Typ.)@ VGS = 10V, ID = 4.5A
• Low gate charge ( Typ. 31nC)
• Low Crss ( Typ. 15pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advance technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switching mode power supplies and active power factor
correction.
TO-220F
FDPF Series
G
S
D
TO-220
FDP Series
G D S
G
S
D
G
S
D
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDP10N60ZU
FDPF10N60ZUT
Units
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
9
9*
A
-Continuous (TC = 100
oC)
5.4
5.4*
IDM
Drain Current
- Pulsed
(Note 1)
36
36*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
100
mJ
IAR
Avalanche Current
(Note 1)
9
A
EAR
Repetitive Avalanche Energy
(Note 1)
18
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
20
V/ns
PD
Power Dissipation
(TC = 25
oC)
180
42
W
- Derate above 25oC
1.45
0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDP10N60ZU FDPF10N60ZUT
Units
RθJC
Thermal Resistance, Junction to Case
0.7
3.0
oC/W
RθCS
Thermal Resistance, Junction to Ambient
0.5
-
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
*Drain current limited by maximum junction temperature


Similar Part No. - FDP10N60ZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
Inchange Semiconductor ...
FDP10N60NZ ISC-FDP10N60NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP10N60ZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com