Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP17N60N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP17N60N
Description  N-Channel MOSFET 600V, 17A, 0.34廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP17N60N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP17N60N Datasheet HTML 1Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 2Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 3Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 4Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 5Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 6Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 7Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 8Page - Fairchild Semiconductor FDP17N60N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDP17N60N/FDPF17N60NT Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
-FDPF17N60NT
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-FDPF17N60NT
-75 -50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 8.5A
TJ, Junction Temperature [
oC]
-75 -50
0
50
100
150
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.18
*Notes:
1. VGS = 0V
2. ID = 250µA
TJ, Junction Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
100
200
10µs
100µs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
25
50
75
100
125
150
0
5
10
15
20
TC, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
110
10
2
0.003
0.01
0.1
1
10
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 2.0
oC/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - FDP17N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP17N60N ISC-FDP17N60N Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP17N60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP11N60N FAIRCHILD-FCP11N60N Datasheet
922Kb / 10P
   N-Channel MOSFET 600V, 10.8A, 0.299廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FCP13N60N FAIRCHILD-FCP13N60N Datasheet
904Kb / 10P
   N-Channel MOSFET 600V, 13A, 0.258廓
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
   N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
STW18NK80Z STMICROELECTRONICS-STW18NK80Z_06 Datasheet
269Kb / 14P
   N-channel 800V - 0.34廓 - 19A - TO-247 Zener-protected SuperMESH??Power MOSFET
logo
Fairchild Semiconductor
FCA76N60N FAIRCHILD-FCA76N60N Datasheet
720Kb / 8P
   FCA76N60N N-Channel MOSFET 600V, 76A, 36m廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com