Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA2832C Datasheet(PDF) 2 Page - Motorola, Inc

Part # CA2832C
Description  35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2832C Datasheet(HTML) 2 Page - Motorola, Inc

  CA2832C Datasheet HTML 1Page - Motorola, Inc CA2832C Datasheet HTML 2Page - Motorola, Inc CA2832C Datasheet HTML 3Page - Motorola, Inc CA2832C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA2832C
2
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
38
37
36
35
34
33
32
31
– 3 dB POINTS fL = 0.3 MHz
fu = 312 MHz
TC = 25°C
28 VOLTS
NO CHANGE AT 24 AND 30 VOLTS
Figure 1. Power Gain versus Voltage
VCC = 28 V
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
1.5
1.0
0.5
0.0
– 0.5
– 1.0
– 1.5
– 2.0
– 40
°C
+ 100
°C
(RELATIVE TO FREQUENCY RESPONSE AT 25
°C)
Figure 2. Relative Power Gain versus Temperature
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
TC = 25°C
38
36
34
32
30
28
26
24
24 V
28 V
30 V
Figure 3. 1 dB Compression versus Voltage
TC = 25°C
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
9
8
7
6
5
4
3
2
24 V
28 V
30 V
Figure 4. Noise Figure versus Voltage
TC = 25°C
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
56
54
52
50
48
46
44
42
24 V
28 V
30 V
Figure 5. Third Order Intercept versus Voltage
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
TC = 25°C
36
34
32
30
28
26
24
22
24 V
28 V
30 V
Figure 6. Peak Envelope Power versus Voltage


Similar Part No. - CA2832C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
   The RF Line Wideband Linear Amplifier
More results

Similar Description - CA2832C

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
   1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Motorola, Inc
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
   5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
   18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2842C MOTOROLA-CA2842C Datasheet
126Kb / 4P
   22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TQP9113 TRIQUINT-TQP9113 Datasheet
689Kb / 13P
   1 Watt Linear Amplifier
logo
Motorola, Inc
CA2875CR MOTOROLA-CA2875CR Datasheet
242Kb / 3P
   Wideband Linear Amplifier
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com