Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE5Z5VU Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE5Z5VU
Description  Ultra Low Capacitance Single-Line ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE5Z5VU Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE5Z5VU Datasheet HTML 1Page - SYNC POWER Crop. SPE5Z5VU Datasheet HTML 2Page - SYNC POWER Crop. SPE5Z5VU Datasheet HTML 3Page - SYNC POWER Crop. SPE5Z5VU Datasheet HTML 4Page - SYNC POWER Crop. SPE5Z5VU Datasheet HTML 5Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2009/06/20
Ver.1
Page 1
SPE5Z5VU
Ultra Low Capacitance Single-Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE5Z5VU is an ESD transient voltage suppression
component which provides a very high level of protection
for sensitive electronic components that may be subjected
to electrostatic discharge (ESD).
It is particularly well-suited for cellular phones, portable
device, digital cameras, power supplies and many other
portable applications because of its small package and
low weight. The SPE5Z5VU is Uni-directional, Safely
dissipate ESD strikes of Level 4, IEC61000-4-2,
exceeding the maximum requirement. Using the
MILSTD-883 (Method 3015) specification for Human
Body Model (HBM) ESD, the device provides protection
for contact discharges to greater than +/-10KV.
The SPE5Z5VU is available in a SOD-523 package with
peak reverse working voltage of 5 voltages.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player
FEATURES
PIN CONFIGURATION ( SOD-523 )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD)
±15kV (air)
±8kV (contact)
IEC 61000-4-4 (EFT)
40A (5/50ns)
Protects single I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages


Similar Part No. - SPE5Z5VU

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE5Z5VUD52RGB SYNC-POWER-SPE5Z5VUD52RGB Datasheet
146Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE5Z5VU SYNC-POWER-SPE5Z5VU_11 Datasheet
146Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
More results

Similar Description - SPE5Z5VU

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE9X5VU SYNC-POWER-SPE9X5VU Datasheet
179Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE5Z5VU SYNC-POWER-SPE5Z5VU_11 Datasheet
146Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE9X5VU SYNC-POWER-SPE9X5VU_11 Datasheet
161Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE0588 SYNC-POWER-SPE0588 Datasheet
146Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE0589 SYNC-POWER-SPE0589 Datasheet
160Kb / 5P
   Ultra Low Capacitance Single-Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF_11 Datasheet
223Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
   Ultra Low Capacitance 2 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
   Ultra Low Capacitance 4 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com