Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTNF-004SCR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # LDTNF-004SCR
Description  1300nm Edge-Emitting LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDTNF-004SCR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LDTNF-004SCR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDTNF-004SCR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0009 Rev. C 1/19/09
Absolute Maximum Ratings
Packaged Diode Characteristics
Note: 1. No Flange (NF) 2. Long Horn (LH)
Fibers have a 900um tight buffer jacket. Other fiber pigtails available upon request.
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse. ESD
precautions apply.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Incorporated reserves
the right to make changes to the
products or information contained
herein without notice. No liability is
assumed as a result of their use or
application.
Part Ordering Information
Outline Drawings
No Flange (NF) Package
Products can be ordered directly from Laser Diode Inc. or its representatives. For a complete listing of representatives, visit
our website at www.laserdiode.com. When ordering, refer to the numbering sequence below.
LDT
362
362NF
60005
60005NF
Package Style
1,2
LH
NF
LH
NF
Pigtail
50/125
50/125
9/125
9/125
Operating Temperature
Storage Temperature
-40 to +85
-40 to +85
Units
Min.
Typ.
Max.
Forward Current
mA
-
-
200
Forward Voltage
V-
-
2
Soldering time at 260
oC
sec
-
-
10
Standard Long Horn (LH) Package
Dimensions: Inches [mm]
Detailed package drawings available upon request
Type
Package
Power
Connector
LDT
xx
-xxx
xx
R
362 (MM Coupled)
No designation = LH
040 = 40uW
RoHS Designator
NF = No Flange
080 = 80uW
or
60005 (SM Coupled) No designation = LH
- 004 = 4uW
RoHS Designator
NF = No Flange
008 = 8uW
Example: LDT 60005NF-004R
LED, 1300nm, 4uW, 14 pin-DIP, no flange
9/125/900 um pigtail, RoHS Compliant
FC
ST®
SC
SMA
Pin No.
Function
1,2,3,4,6,7,8,11,
12,13,14 No connection
5
LED anode (+), Ground
9
LED cathode (-)
10
Ground
PIN ASSIGNMENTS


Similar Part No. - LDTNF-004SCR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LDT RUBYCON-LDT Datasheet
175Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
   Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
More results

Similar Description - LDTNF-004SCR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
13LED20 ANADIGICS-13LED20 Datasheet
152Kb / 2P
   1300nm Surface Emitting LED
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300N MARKTECH-MTE1300N Datasheet
671Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300NN1-WRC MARKTECH-MTE1300NN1-WRC Datasheet
678Kb / 3P
   Peak Emission Wavelength: 1300nm
MT51300_IR MARKTECH-MT51300_IR Datasheet
1Mb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Peak Emission Wavelength: 1300nm
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Peak Emission Wavelength: 1300nm
logo
Everlight Electronics C...
39-06-B4C-AJLB EVERLIGHT-39-06-B4C-AJLB Datasheet
172Kb / 7P
   Side Emitting POWER LED
39-06-Y5C-APRC EVERLIGHT-39-06-Y5C-APRC Datasheet
154Kb / 6P
   Side Emitting POWER LED
logo
NTE Electronics
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com