Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN210AC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FIN210AC
Description  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210AC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FIN210AC Datasheet HTML 1Page - Fairchild Semiconductor FIN210AC Datasheet HTML 2Page - Fairchild Semiconductor FIN210AC Datasheet HTML 3Page - Fairchild Semiconductor FIN210AC Datasheet HTML 4Page - Fairchild Semiconductor FIN210AC Datasheet HTML 5Page - Fairchild Semiconductor FIN210AC Datasheet HTML 6Page - Fairchild Semiconductor FIN210AC Datasheet HTML 7Page - Fairchild Semiconductor FIN210AC Datasheet HTML 8Page - Fairchild Semiconductor FIN210AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
5
Table 3.
Deserializer S0 & S1 Control Pins (Note: All edge rates are typical values)
LVCMOS Output Edge Rates
S0
S1
Slow Edge Rates
~7 - 8ns (CL = 8pF)
0
1
Medium Edge Rates
~4 - 5ns (CL = 8pF)
1
1
Fast Edge Rates
~2 - 3ns (CL = 8pF)
1
0
Power Down
0
0
Pulse Width Calculations
CKP Pulse Width Low Time=(PLL Multiplier • Pwidth Multiplier) / (CKREF•12)
(1)
Example:
CKREF=26MHz
; PLL Multiplier=1; Pwidth Multiplier=6
CKP Pulse width=(1 • 6) / (26MHz • 12)=19.2ns
(2)
CKREF = Strobe 50% Duty Cycle
If CKREF = Strobe the below control states will provide a ~ 50% duty cycle pulse width output on CKP
Table 4.
CKREF = Strobe 50% Duty Cycle
Serializer
Deserializer
PLL0
PLL1
PWS0
PWS1
1
0
0
0
Power-Down States
When both S1 and S0 signals are 0, regardless of the state of the DIRI signal, the FIN210AC resets and powers down. The
power-down mode shuts down all internal analog circuitry, disables the serial input and output of the device, and resets all
internal digital logic. Table 5 indicates the state of the input states and output buffers in Power-Down mode.
Table 5.
Power-Down
Signal Pins
DIRI=1 (Serializer)
DIRI=0 (Deserializer)
/ENZ = 0
DIRI=0 (Deserializer)
/ENZ = 1
DP[1:10]
Inputs Disabled
Outputs High-Z
Outputs Low
CKP
HIGH
High-Z
High
STROBE
Input Disabled
Input Disabled
Input Disabled
CKREF
Input Disabled
Input Disabled
Input Disabled
/DIRO
0
1
1


Similar Part No. - FIN210AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN210AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com