Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2-S-3 Datasheet(PDF) 2 Page - Reed Relays and Electronics

Part # R2-S-3
Description  SMD Reed Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRE [Reed Relays and Electronics]
Direct Link  http://www.reed-sensor.com
Logo RRE - Reed Relays and Electronics

R2-S-3 Datasheet(HTML) 2 Page - Reed Relays and Electronics

  R2-S-3 Datasheet HTML 1Page - Reed Relays and Electronics R2-S-3 Datasheet HTML 2Page - Reed Relays and Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reed Relays and Electronics India Limited
 info@reed-switch.com  Tel 91-44-6528-4022
R2-S SMD Reed Sensor
Actuation Distances
Operate and release distances for the R2-S ultra-miniature reed sensor in two standard AT bands, when actuated (as shown in the
sketches) with NdFeB standard magnets is shown below. All distances given are in mm with tolerances of ±0.5mm. Although some
of the AT band / magnet combinations will produce similar actuating distances, selecting the right AT band and magnet for an
application is important and can be done by going through our AT band FAQ and our magnet selection guide.
R2S-1 (10-15 AT)
Actuation Sketch
Magnet
Dimensions
Operate Distance
Release Distance
NDR-T
4.0 x 1.5 x 1.5
3.5 – 5.5
4.0 – 6.0
NDC-T
Ø2.0 x 4.0
4.0 – 7.0
4.5 – 7.5
NDR-S
6.0 x 2.5 x 2.5
8.0 – 11.5
9.0 – 12.0
NDC-S
Ø3.0 x 7.0
9.5 – 13.5
10.5 – 14.0
NDR-M
8.0 x 3.0 x 3.0
11.5 – 16.0
12.5 – 16.5
NDC-M
Ø4.0 x 10.0
15.0 – 20.0
16.0 – 21.0
NDR-L
19.0 x 4.0 x 4.0
20.0 – 26.5
22.0 – 27.0
NDC-L
Ø8.0 x 15.0
30.0 – 39.5
32.5 – 40.5
R2S-2 (15-20 AT)
Actuation Sketch
Magnet
Dimensions
Operate Distance
Release Distance
NDR-T
4.0 x 1.5 x 1.5
2.0 – 4.0
3.0 – 5.0
NDC-T
Ø2.0 x 4.0
2.5 – 5.0
4.0 – 6.0
NDR-S
6.0 x 2.5 x 2.5
6.5 – 9.0
7.5 – 10.5
NDC-S
Ø3.0 x 7.0
8.0 – 10.5
9.5 – 12.0
NDR-M
8.0 x 3.0 x 3.0
10.0 – 13.0
11.0 – 15.0
NDC-M
Ø4.0 x 10.0
12.0 – 16.0
14.0 – 19.0
NDR-L
19.0 x 4.0 x 4.0
17.5 – 22.0
20.0 – 25.0
NDC-L
Ø8.0 x 15.0
26.0 – 32.0
29.0 – 35.0
R2S-3 (20-25 AT)
Actuation Sketch
Magnet
Dimensions
Operate Distance
Release Distance
NDR-T
4.0 x 1.5 x 1.5
2.0 – 3.0
2.5 – 4.0
NDC-T
Ø2.0 x 4.0
2.5 – 3.5
3.5 – 4.5
NDR-S
6.0 x 2.5 x 2.5
6.0 – 7.0
7.5 – 8.5
NDC-S
Ø3.0 x 7.0
7.5 – 8.5
9.0 – 10.0
NDR-M
8.0 x 3.0 x 3.0
9.0 – 10.5
10.5 – 12.0
NDC-M
Ø4.0 x 10.0
11.5 – 13.0
13.0 – 15.0
NDR-L
19.0 x 4.0 x 4.0
16.0 – 19.5
18.5 – 22.0
NDC-L
Ø8.0 x 15.0
24.0 – 28.0
27.5 – 32.0
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
20 January 2009


Similar Part No. - R2-S-3

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
R2-SERIES OHMITE-R2-SERIES Datasheet
333Kb / 2P
   clamping force of the clip is not degraded by repeated loading and unloading.
More results

Similar Description - R2-S-3

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
R2B-S-0 RRE-R2B-S-0 Datasheet
100Kb / 2P
   NC SMD Reed Sensor
R2E-S-1 RRE-R2E-S-1 Datasheet
99Kb / 2P
   Latching SMD Reed Sensor
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R2-F-1 RRE-R2-F-1 Datasheet
89Kb / 1P
   Low Profile SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R2B-F RRE-R2B-F Datasheet
90Kb / 1P
   NC Low Profile SMD Reed Sensor
R2E-F-1 RRE-R2E-F-1 Datasheet
89Kb / 1P
   Latching Low Profile SMD Reed Sensor
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com