Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2-S-3 Datasheet(PDF) 1 Page - Reed Relays and Electronics

Part # R2-S-3
Description  SMD Reed Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRE [Reed Relays and Electronics]
Direct Link  http://www.reed-sensor.com
Logo RRE - Reed Relays and Electronics

R2-S-3 Datasheet(HTML) 1 Page - Reed Relays and Electronics

  R2-S-3 Datasheet HTML 1Page - Reed Relays and Electronics R2-S-3 Datasheet HTML 2Page - Reed Relays and Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reed Relays and Electronics India Limited
 info@reed-switch.com  Tel 91-44-6528-4022
R2-S SMD Reed Sensor
SMD Package, Normally Open
Molded with internal blades parallel to SMD feet
All dimensions in mm
Does not require power for operation
Normally open (NO) form A contact
Omni-polar device; actuates with either pole of magnet
Molded with internal blades parallel to SMD feet
Packed in tape and reels conforming to IEC-60286-3 norms
Lead (Pb) free and RoHS compliant
Applications
This reed sensor is suitable for use in the following applications and many others: cellular phones and PDAs,
weather proof electronics, fluid tank cap sensing, hands free kits...
Specification
Contact Form
A
Contact Rating (max)
W / VA
10
Switching Current (max)
A
0.5
Carry Current (max)
A
1.5
Switching Voltage (max)
VDC
180
Breakdown Voltage (min)
VDC
200
Initial Contact Resistance (max)
m
150
Operating Temperature
°C
-40 to +140
Shock Resistance (½Sin wave for 11ms)
g
30
Vibration Resistance (10-2000Hz)
g
20
Ordering Code
R2-S-(Operate AT Code)-(Packing Code)
OAT Code
*Before
*After
Packing Code
1
10 – 15
13 – 23
L
Plastic Box (500)
2
15 – 20
20 – 30
G
Tape (2500)
3
20 – 25
27 – 37
*Indicate Operate AT band before and after modification of leads
Example
R2-S-3-L denotes 20-25 operate AT packed in plastic boxes.
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
1 February 2008


Similar Part No. - R2-S-3

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
R2-SERIES OHMITE-R2-SERIES Datasheet
333Kb / 2P
   clamping force of the clip is not degraded by repeated loading and unloading.
More results

Similar Description - R2-S-3

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
R2B-S-0 RRE-R2B-S-0 Datasheet
100Kb / 2P
   NC SMD Reed Sensor
R2E-S-1 RRE-R2E-S-1 Datasheet
99Kb / 2P
   Latching SMD Reed Sensor
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R2-F-1 RRE-R2-F-1 Datasheet
89Kb / 1P
   Low Profile SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R2B-F RRE-R2B-F Datasheet
90Kb / 1P
   NC Low Profile SMD Reed Sensor
R2E-F-1 RRE-R2E-F-1 Datasheet
89Kb / 1P
   Latching Low Profile SMD Reed Sensor
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com