Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FSBB20CH60C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Part No. FSBB20CH60C
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSBB20CH60C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 17 page
background image
6
www.fairchildsemi.com
FSBB20CH60CL Rev. D
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Control Part
Note:
4. Short-circuit current protection is functioning only at the low-sides.
5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10
-6 x t
FOD[F]
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCE(SAT)
Collector-Emitter Saturation
Voltage
VCC = VBS = 15V
VIN = 5V
IC = 20A, TJ = 25°C
-
-
2.0
V
VF
FWD Forward Voltage
VIN = 0V
IF = 20A, TJ = 25°C
-
-
2.2
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V
IC = 20A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-
0.75
-
μs
tC(ON)
-
0.2
-
μs
tOFF
-
0.45
-
μs
tC(OFF)
-
0.15
-
μs
trr
-
0.1
-
μs
LS
tON
VPN = 300V, VCC = VBS = 15V
IC = 20A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-
0.5
-
μs
tC(ON)
-
0.3
-
μs
tOFF
-
0.45
-
μs
tC(OFF)
-
0.15
-
μs
trr
-
0.1
-
μs
ICES
Collector-Emitter
Leakage Current
VCE = VCES
-
-
1
mA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQCCL
Quiescent VCC Supply
Current
VCC = 15V
IN(UL, VL, WL) = 0V
VCC(L) - COM
-
-
23
mA
IQCCH
VCC = 15V
IN(UH, VH, WH) = 0V
VCC(H) - COM
-
-
600
μA
IQBS
Quiescent VBS Supply
Current
VBS = 15V
IN(UH, VH, WH) = 0V
VB(U) - VS(U), VB(V) -VS(V),
VB(W) - VS(W)
-
-
500
μA
VFOH
Fault Output Voltage
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
0.8
V
VSC(ref)
Short Circuit Trip Level
VCC = 15V (Note 4)
0.45
0.5
0.55
V
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level
10.7
11.9
13.0
V
UVCCR
Reset Level
11.2
12.4
13.4
V
UVBSD
Detection Level
10
11
12
V
UVBSR
Reset Level
10.5
11.5
12.5
V
tFOD
Fault-out Pulse Width
CFOD = 33nF (Note 5)
1.0
1.8
-
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL),
IN(VL), IN(WL) - COM
2.8
-
-
V
VIN(OFF)
OFF Threshold Voltage
-
-
0.8
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn