Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FSBH0170NY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Part No. FSBH0170NY
Description  Green Mode Fairchild Power Switch (FPS™)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSBH0170NY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
(9)
BVDSS
Drain-Source
Breakdown Voltage
FSBH0x70/A
VDS = 700V, VGS = 0V
700
V
VDS = 700V, VGS = 0V
50
IDSS
Zero-Gate-Voltage
Drain Current
FSBH0x70/A
VDS = 560V, VGS = 0V,
TC = 125°C
200
μA
FSBH0F70A
14.00
19.00
FSBH0170/A
8.80
11.00
FSBH0270/A
6.00
7.20
RDS(ON)
Drain-Source On-
State Resistance
(10)
FSBH0370
VGS = 10V, ID = 0.5A
4.00
4.75
FSBH0F70A
162
211
FSBH0170/A
250
325
FSBH0270/A
550
715
CISS
Input Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
315
410
pF
FSBH0F70A
18
24
FSBH0170/A
25
33
FSBH0270/A
38
50
COSS
Output Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
47
61
pF
FSBH0F70A
3.8
5.7
FSBH0170/A
10.0
15.0
FSBH0270/A
17.0
26.0
CRSS
Reverse Transfer
Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
9.0
24.0
pF
FSBH0F70A
9.5
29.0
FSBH0170/A
12.0
34.0
FSBH0270/A
20.0
500.0
tD(ON)
Turn-On Delay Time
FSBH0370
VDS = 350V, ID = 1.0A
11.2
33.0
ns
FSBH0F70A
19
48
FSBH0170/A
4
18
FSBH0270/A
15
40
tR
Rise Time
FSBH0370
VDS = 350V, ID = 1.0A
34
78
ns
FSBH0F70A
33.0
760.0
FSBH0170/A
30.0
70.0
FSBH0270/A
550.0
120.0
tD(OFF)
Turn-Off Delay Time
FSBH0370
VDS = 350V, ID = 1.0A
28.2
67.0
ns
FSBH0F70A
42
94
FSBH0170/A
10
30
FSBH0270/A
25
60
tF
Fall Time
FSBH0370
VDS = 350V, ID = 1.0A
32
74
ns
Continued on the following page…


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn