Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBH0170A Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSBH0170A
Description  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170A Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBH0170A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 10Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 11Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 12Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 13Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 14Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
11
Typical Characteristics (Continued)
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
1.200
1.300
1.400
1.500
1.600
1.700
1.800
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 22.
VFB-G vs. Temperature
Figure 23.
VFB-ZDC vs. Temperature
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
51.5
52.0
52.5
53.0
53.5
54.0
54.5
55.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 24.
IDD-ZDC vs. Temperature
Figure 25.
tD-OLP vs. Temperature


Similar Part No. - FSBH0170A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0170A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com