Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SB1245
Description  Ultra Low VF Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB1245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SB1245 Datasheet HTML 1Page - Fairchild Semiconductor SB1245 Datasheet HTML 2Page - Fairchild Semiconductor SB1245 Datasheet HTML 3Page - Fairchild Semiconductor SB1245 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SB1245 Rev. A1
3
Physical Dimensions


Similar Part No. - SB1245

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1245 SEMIKRON-SB1245 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
Leshan Radio Company
SB1245 LRC-SB1245 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
logo
Semikron International
SB1245TL SEMIKRON-SB1245TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SB1245

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com