Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1245 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SB1245
Description  Ultra Low VF Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB1245 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SB1245 Datasheet HTML 1Page - Fairchild Semiconductor SB1245 Datasheet HTML 2Page - Fairchild Semiconductor SB1245 Datasheet HTML 3Page - Fairchild Semiconductor SB1245 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SB1245 Rev. A1
Typical Performance Characteristics
Figure 1. Forward Current Derating Curve
Figure 2. Reverse Current vs. Reverse Voltage
Figure 3. Typical Reverse Characteristics
Figure 4. Forward Voltage vs. Forward Current
Figure 5. Typical Junction Capacitance
0
50
100
150
0
4
8
12
16
20
Case Temperature [
oC]
5
1015
20253035
4045
1E-7
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
T
J
=150
oC
T
J
=100
oC
T
J
=85
oC
T
J
=25
oC
T
J
= -40
oC
V
R
- Reverse Voltage [V]
0
20
40
60
80
100
120
140
1E-3
0.01
0.1
1
10
100
T
J
=125
oC
T
J
=100
oC
T
J
=150
oC
T
J
=75
oC
T
J
=25
oC
Percent of Rated Reverse Voltage [%]
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
100
T
A
= -40
oC
T
A
=100
oC
T
A
=25
oC
V
F
- Forward Voltage [V]
0.1
1
10
100
10
100
1000
10000
V
R
- Reverse Voltage [V]


Similar Part No. - SB1245

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1245 SEMIKRON-SB1245 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
Leshan Radio Company
SB1245 LRC-SB1245 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
logo
Semikron International
SB1245TL SEMIKRON-SB1245TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SB1245

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com