Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1931D Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1931D
Description  12.5 - 15.5 GHz 21dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1931D Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1931D Datasheet HTML 1Page - Transcom, Inc. TC1931D Datasheet HTML 2Page - Transcom, Inc. TC1931D Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC1931D
REV2_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS at 25
°°°°C
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
10 V
VGS
Gate-Source Voltage
-5 V
ID
Drain Current
200 mA
PT
Continuous Dissipation
2 W
Pin
Input Power, CW
10 dBm
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
10
12
14
16
18
20
12
13
14
15
16
Fr
eq
-20
-16
-12
-8
-4
0
12
13
14
15
16
Fr
e
S11
S22


Similar Part No. - TC1931D

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
   TC19 Power Gap Toroidal Inductors
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
More results

Similar Description - TC1931D

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
   12.5 - 15.5 GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
   12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
   12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC737LP4 HITTITE-HMC737LP4 Datasheet
213Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com