Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1954 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1954
Description  14 18 GHz 2W PA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1954 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1954 Datasheet HTML 1Page - Transcom, Inc. TC1954 Datasheet HTML 2Page - Transcom, Inc. TC1954 Datasheet HTML 3Page - Transcom, Inc. TC1954 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1954
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL CHARACTERISTICS
Pout VS Freq. & Gain VS Freq.
19
21
23
25
27
29
31
33
35
37
39
14
14.5
15
15.5
16
16.5
17
17.5
18
Frequency (GHz)
4
6
8
10
12
14
16
18
20
22
24
←P1dB
Gain→


Similar Part No. - TC1954

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
TC1952 TRANSCOM-TC1952 Datasheet
139Kb / 4P
   14 - 18 GHz 26dBm Driver MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
More results

Similar Description - TC1954

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
   29 - 36 GHz 2W PA MMIC
TC5285C TRANSCOM-TC5285C Datasheet
644Kb / 7P
   27 ??29.5 GHz 2W PA MMIC(Chip Form)
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
TC3741 TRANSCOM-TC3741 Datasheet
158Kb / 2P
   9.5 – 10.5 GHz 2W Single Bias MMIC
TC1952 TRANSCOM-TC1952 Datasheet
139Kb / 4P
   14 - 18 GHz 26dBm Driver MMIC
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
   3.3 - 3.7 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
   2.1 - 2.2 GHz 2W MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com