Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3938 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC3938
Description  Packaged Single-Bias Medium Power PHEMT GaAs FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3938 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC3938 Datasheet HTML 1Page - Transcom, Inc. TC3938 Datasheet HTML 2Page - Transcom, Inc. TC3938 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC3938
REV2_20070503
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
Packaged Single-Bias Medium Power PHEMT GaAs FETs
FEATURES
! 1.0 dB Typical Noise Figure at 12 GHz
PHOTO ENLARGEMENT
! High Associated Gain: Ga = 8 dB Typical at 12 GHz
! 24dBm Typical Power at 12 GHz
! 9 dB Typical Linear Power Gain at 12 GHz
! Lg = 0.25
µm, Wg = 600 µm
! 100 % DC Tested
! Micro-X Metal Ceramic Package
DESCRIPTION
The TC3938 is a single-bias medium power ceramic micro-x packaged device with TC1304 PHEMT GaAs FETs,
which is designed to provide the single power supply application. The device is suitable for oscillator, medium
power amplifier in a wide range of commercial applications. All devices are 100% DC tested to assure consistent
quality.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 5 V, f
= 12GHz
1.0
1.5
dB
Ga
Associated Gain at VDS = 5 V, f
= 12GHz
7
8
dB
P1dB
Output Power at 1dB Gain Compression Point, f = 12GHz VDS = 5 V
23
24
dBm
GL
Linear Power Gain, f = 12GHz VDS = 5 V
7.5
9
dB
IDS
Drain-Source Current at VDS = 5 V
100
mA
Rth
Thermal Resistance
65
°C/W
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
HANDLING PRECAUTIONS:
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
Pin
RF Input Power, CW
24 dBm
PT
Continuous Dissipation
600 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
-65
°C to +175°C
The user must operate in a clean, dry environment.
Electrostatic Discharge (ESD) precautions should be
observed at all stages of storage, handling, assembly,
and testing. The static discharge must be less than 300V.


Similar Part No. - TC3938

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC393 ETC1-TC393 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC393AL ETC1-TC393AL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC393CL ETC1-TC393CL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
More results

Similar Description - TC3938

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
   3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
   2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
   5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
   2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC3921 TRANSCOM-TC3921 Datasheet
115Kb / 3P
   Low - Cost Single-Bias Medium Power PHEMT GaAs FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com