Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3694-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR3694-QDG
Description  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3694-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR3694-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3694-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CHR3694-QDG
37-40GHz Down Converter
Ref. : DSCHA3694-QDG9077 - 18 Mar 09
4/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Device thermal performances
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (no convection mode
considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB
must be designed to comply with this requirement.
A derating must be applied on the dissipated power if the Tcase temperature can not be
maintained below than the maximum temperature specified (see the curve Pdiss. Max) in
order to guarantee the nominal device life time (MTTF).
Max. junction temperature (Tj max)
:
144 °C
Max. continuous dissipated power @ Tcase=
85
°C
:
0,6 W
=> Pdiss derating above Tcase
(1)=
85
°C
:
10 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<97 °C/W
Min. package back side operating temperature
(3)
:
-40 °C
Max. package back side operating temperature
(3)
:
85 °C
Min. storage temperature
:
-55 °C
Max. storage temperature
:
125 °C
(1) Derating at junction temperature constant = Tj max.
(2) Rth J-C is calculated for a worst case where the hotter junction of the MMIC is considered.
(3) Tcase=Package back side temperature measured under the die-attach-pad (see the drawing below).
DEVICE THERMAL SPECIFICATION : CHR3694-QDG
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
-50
-25
0
25
50
75
100
125
Tcase (°C)
Pdiss. Max. (W)
Tcase
Example of QFN 16L 3x3
back-side view, temperature
reference point (Tcase) location.


Similar Part No. - CHR3694-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3694-QDG20 UMS-CHR3694-QDG20 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3694-QDG21 UMS-CHR3694-QDG21 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
More results

Similar Description - CHR3694-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com