Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-801-HAW-H Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-801-HAW-H
Description  CMOS Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-801-HAW-H Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-801-HAW-H Datasheet HTML 1Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 2Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 3Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 4Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 5Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 6Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 7Page - Vectron International, Inc VC-801-HAW-H Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Typical Characteristics - Phase Noise and Gain Curve
Outline Drawing & Pad Layout
Table 5. Pin Out
Pin
Symbol
Function
1
E/D
Enable Disable
2
GND
Case and Electrical Ground
3
Output
Output
4
V
DD
Power Supply Voltage
Dimensions in mm
FREQUENCY
FREQUENCY
Date Code
Date Code
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow
simulation. The VC-801 family is capable of meeting the following qualification tests:
Table 6. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015
Moisture Sensitivity Level
MSL 1
Contact Pads
Gold over Nickel
Table 7. ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500V
MIL-STD-883, Method 3015
Charged Device Model
1000V
JESD22-C101
Although ESD protection circuitry has been designed into the VC-801 proper precautions should be taken when handling
and mounting. VI employs a human body model (HBM) and a charged device model (CDM) for ESD susceptibility testing
and design protection evaluation.
Table 8. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Storage Temperature
T
S
-55 to 125
°C
Soldering Temp/Time
T
LS
260 / 20
°C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not
implied at these or any other conditions in excess of conditions represented in the operational sections of this datasheet.
Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Permanent damage is
also possible if E/D is applied before V
DD
.
2.54
1.4
1.2
2.2


Similar Part No. - VC-801-HAW-H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-EAW-KAAN VECTRON-VC-801-EAW-KAAN Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
More results

Similar Description - VC-801-HAW-H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com