Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-707-ECE-KA Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-707-ECE-KA
Description  LVPECL, LVDS Crystal Oscillator Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-707-ECE-KA Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-707-ECE-KA Datasheet HTML 1Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 2Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 3Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 4Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 5Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 6Page - Vectron International, Inc VC-707-ECE-KA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
1. The VC-707 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. See Standard Frequencies and Ordering Information for more information.
3. Includes calibration tolerance, operating temperature, supply voltage variations,, aging and IR reflow.
4. Figure 2 defines these parameters and Figure 1 defines the test circuit.
5. Duty Cycle is defines as the On/Time Period.
6. Measured using an Agilent E5052, 155.520MHz. Please see “Typical Phase Noise and Jitter Report for the VC-706 series”.
7. Measured using a LeCroy 8600, 25K samples.
8. Outputs will be Enabled if Enable/Disable is left open.
Table 1. Electrical Performance, LVPECL Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.15
3.3
3.45
V
Current (No Load)
I
DD
100
mA
Frequency
Nominal Frequency2
f
N
270
800
MHz
Stability2,3 (Ordering Options)
±20, ±25, ±32, ±50, ±100
ppm
Outputs
Output Logic Levels4, -10/70°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.025
V
DD
-1.810
V
DD
-0.880
V
DD
-1.620
V
Output Logic Levels4, -40/85°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.085
V
DD
-1.830
V
DD
-0.880
V
DD
-1.555
V
Output Rise and Fall Time4
Rise Time
Fall Time
t
R
/t
F
600
600
ps
ps
Output Load
50 ohms to V
DD
-1.3V
Duty Cycle5
45
50
55
%
Jitter (12 kHz - 20 MHz BW)155.52MHz6
фJ
2
ps
Period Jitter7
RMS
P/P
фJ
4
30
ps
ps
Enable/Disable
Output Enabled8
Output Disabled
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Enable/Disable Leakage Current
±200
uA
Start-Up Time
t
SU
10
ms
Operating Temp. (Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
5.0 x 7.0 x 1.8 or 5.08x7.5x2.2
mm
t
R
t
F
V
OH
V
OL
50%
On Time
Period
Figure 2
1
2
3
6
5
4
-1.3V
NC
NC
VDD -1.3V
50
50
Figure 1


Similar Part No. - VC-707-ECE-KA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-700 VECTRON-VC-700 Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAA VECTRON-VC-700-CFC-FAA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAL VECTRON-VC-700-CFC-FAL Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAM VECTRON-VC-700-CFC-FAM Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FFA VECTRON-VC-700-CFC-FFA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-707-ECE-KA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-706-ECW-EA VECTRON-VC-706-ECW-EA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-708 VECTRON-VC-708_11 Datasheet
280Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet Ultra Low Phase Noise
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
   5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com