Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-706-HDE-SA Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-706-HDE-SA
Description  LVPECL, LVDS Crystal Oscillator Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-706-HDE-SA Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-706-HDE-SA Datasheet HTML 1Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 2Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 3Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 4Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 5Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 6Page - Vectron International, Inc VC-706-HDE-SA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Reliability
Table 5. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
ts
200 sec Max
Ramp Up
R
UP
3°C/sec Max
Time above 217°C
tL
150 sec Max
Time to Peak Temperature
tAMB-P
480 sec Max
Time at 260°C
Time at 260°C
tP
10 sec Max
Time at 240°C
tP2
60 sec Max
Ramp down
Ramp down
R
DN
6°C/sec Max
Suggested IR Profile
Devices are built using lead free epoxy and can be subjected to
standard lead free IR reflow conditions shown in Table 5. Contact
pads are gold over nickel and lower maximum temperatures can also
be used, such as 220C.
R
UP
R
DN
t
S
t
AMB-P
t
L
t
P
260
217
200
150
25
Time (sec)
IR Compliance
Table 7. Tape and Reel Information
Tape Dimensions (mm)
Reel Dimensions (mm)
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
#/Reel
16
7.5
1.5
4
8
180
2
13
21
50
17
21
200
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other
excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VC-706, proper precautions should be taken when handling and mounting,
VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for
the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes.
Table 6. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-55/125
°C
Supply Voltage
-0.5 to 5.0
V
Enable Disable Voltage
-0.5 to V
DD
+0.5
ESD, Human Body Model
1000
V
ESD, Charged Device Model
1000
V
Maximum Ratings, Tape & Reel
Page6


Similar Part No. - VC-706-HDE-SA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-700 VECTRON-VC-700 Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAA VECTRON-VC-700-CFC-FAA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAL VECTRON-VC-700-CFC-FAL Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAM VECTRON-VC-700-CFC-FAM Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FFA VECTRON-VC-700-CFC-FFA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-706-HDE-SA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-707-ECW-EA VECTRON-VC-707-ECW-EA Datasheet
195Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-708 VECTRON-VC-708_11 Datasheet
280Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet Ultra Low Phase Noise
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
   5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com