Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-801-HAE-S Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VC-801-HAE-S
Description  CMOS Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-801-HAE-S Datasheet(HTML) 7 Page - Vectron International, Inc

  VC-801-HAE-S Datasheet HTML 1Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 2Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 3Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 4Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 5Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 6Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 7Page - Vectron International, Inc VC-801-HAE-S Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Table 9. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
Ts-min
Ts-max
t
S
60 sec Min, 260 sec Max
150°C
200°C
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
AMB-P
480 sec Max
Time at 260 °C
t
P
10 sec Max
Ramp Down
R
DN
6 °C/sec Max
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page7
Table 10 . Tape and Reel Dimensions
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Reel
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
VC-801
16
7.5
1.5
4
8
180
2
13
21
60
17
21
1000
IR Reflow
The VC-801 is qualified to meet the
JEDEC standard for Pb-Free assembly.
The temperatures and time intervals
listed are based on the Pb-Free small
body requirements. The VC-801 device
is hermetically sealed so an aqueous
wash is not an issue.
Tape and Reel


Similar Part No. - VC-801-HAE-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-EAW-KAAN VECTRON-VC-801-EAW-KAAN Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
More results

Similar Description - VC-801-HAE-S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com