Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRC3-C34L23-0S Datasheet(PDF) 3 Page - DDK Ltd.

Part # FRC3-C34L23-0S
Description  High Current Version for 2-Piece Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FRC3-C34L23-0S Datasheet(HTML) 3 Page - DDK Ltd.

  FRC3-C34L23-0S Datasheet HTML 1Page - DDK Ltd. FRC3-C34L23-0S Datasheet HTML 2Page - DDK Ltd. FRC3-C34L23-0S Datasheet HTML 3Page - DDK Ltd. FRC3-C34L23-0S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
FRC3 Series
Unit : mm
FRC3-C20S11-0L
■Header
NO. OF
CONTACTS
A
B
C
D
E
F
S locks
L locks
16
46.56
36.60
22.225
32.23
57.20
63.6
39.85
20
52.90
39.88
28.575
38.58
63.50
70.0
46.20
34
75.13
62.10
50.800
60.80
85.70
92.2
68.43
NO. OF CONTACTS
16, 20, 34
CONTACT TAIL STYLE
L : Right angle
S : Straight
CONTACT TAIL LENGTH
1 : 3.6mm
2 : 15mm
LOCK LEVER
L : Long (for socket with strain relief)
S : Short (for socket without strain relief)
KEY SLOT
0 : 16, 20, 34・・・・・1 key
CONTACT PLATING
1 : 0.8μ Gold over Nickel
2 : 0.4μ Gold over Nickel
3 : Gold flash over Nickel
E
D
C
B
A
2-φ2.62
Header with long locks
F
φ2.6
(For M3 tapping screw)
3.6
E
Header with short locks
Right angle DIP
3.175
Straight DIP
15
3.175
Straight wrapping
Right angle wrapping
3
FRC3


Similar Part No. - FRC3-C34L23-0S

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC SEI-FRC Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
logo
Festo Corporation.
FRC-1-D-5M-MAXI-A FESTO-FRC-1-D-5M-MAXI-A Datasheet
88Kb / 1P
   Air preparation unit
8/11/22
FRC-1-D-5M-MAXI-A-NPT FESTO-FRC-1-D-5M-MAXI-A-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-MAXI-NPT FESTO-FRC-1-D-5M-MAXI-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-O-MAXI FESTO-FRC-1-D-5M-O-MAXI Datasheet
85Kb / 1P
   Air preparation unit
8/11/22
More results

Similar Description - FRC3-C34L23-0S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
PHOENIX CONTACT
3049563 PHOENIX-3049563 Datasheet
137Kb / 12P
   High Current Connectors - HV M10/2
09/12/2020
3049547 PHOENIX-3049547 Datasheet
380Kb / 11P
   High Current Connectors - HV M6/2
02/04/2022
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
logo
Japan Aviation Electron...
KB1 JAE-KB1 Datasheet
729Kb / 7P
   High-Current Connectors for Solar Panel Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com