Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSW40110-50 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # FSW40110-50
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSW40110-50 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  FSW40110-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FSW40110-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: FSW40110-50
400 - 1100 MHz
wide bandwidth
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754;
5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113
Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834;
11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright © 2008 Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
HARMONIC SUPPRESSION
Ref 10 dBm
Att 35 dB
CLRWR
A
SGL
1 AP
320 MHz/
Start 650 MHz
Stop 3.85 GHz
* RBW 300 kHz
SWT 540 ms
* VBW 20 kHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
101
Marker 1 [T1 ]
2.94 dBm
747.435897436 MHz
2
Delta 2 [T1 ]
-34.57 dB
2.251282051 GHz
3
Delta 3 [T1 ]
-36.65 dB
3.005128205 GHz
4
Delta 4 [T1 ]
-39.08 dB
1.502564103 GHz
1
Delta 1 [T1 ]
-11.73 dB
753.846153846 MHz
Date: 6.SEP.2007 16:47:45
REFERENCE SIDEBAND SUPPRESSION
Ref 10 dBm
Att 35 dB
1 AP
CLRWR
A
SGL
300 kHz/
Center 750 MHz
Span 3 MHz
*
*
RBW 500 Hz
VBW 1 kHz
SWT 12 s
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
2.91 dBm
750.000000000 MHz
2
Delta 2 [T1 ]
-85.24 dB
-533.653846154 kHz
3
Delta 3 [T1 ]
-86.04 dB
687.500000000 kHz
4
Delta 4 [T1 ]
-86.38 dB
-1.451923077 MHz
1
Delta 1 [T1 ]
-84.44 dB
-500.000000000 kHz
Date: 6.SEP.2007 16:47:10


Similar Part No. - FSW40110-50

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
logo
Level One
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
   Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503-Z LVL1-FSW-0503-Z Datasheet
657Kb / 3P
   Simple Plug and Play installation
More results

Similar Description - FSW40110-50

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com