Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFR-000072-DS1C1R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFR-000072-DS1C1R
Description  Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFR-000072-DS1C1R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFR-000072-DS1C1R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFR-000072-DS1C1R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Junction Robust Lead Circulator
1805 MHz—1880 MHz
Rev. A
MAFR-000072-DS1C1R
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
RoHS Compliant
BeO free
Electrical Specifications
Parameter
Conditions
Units
Min
Typ
Max
Frequency Range
MHz
1805
1880
Impedance
50
Insertion Loss
dB
0.35
Isolation
dB
20
VSWR
1.22:1
1.
All specifications guaranteed over the operating temperature range unless otherwise stated.
2.
See Application Note ANI-001 for further details.
Pin Configuration
Terminal
Designation
Function
1
Port 1
In
2
Port 2
Out
3
Port 3
Out
Absolute Maximum Ratings
Parameter
Conditions
Units
Min
Max
Input Power
W
200
Reverse Power
W
200
Operating Temperature Range
ºC
-30
+85
Storage Temperature Range
ºC
-55
+125
Functional Block Diagram
1
3
CW
2
Application Notes Available
Application Note
Description
ANI-001
IMD Measurement of Ferrite Isolators and Circulators
ANI-003
Maximum Peak Power of Ferrite Junctions
ANI-004
Base Plate Temperature of Ferrite Isolators and Circulators
ANI-008
Curie Temperature of Isolators and Circulators
ANI-007
Reflow Soldering Guidelines
ANI-009
Tape and Reel Information for Isolators and Circulators
Applications
Wireless Infrastructure
DCS


Similar Part No. - MAFR-000072-DS1C1R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000050-5S4C1T MA-COM-MAFR-000050-5S4C1T Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000053-AS1S1R MA-COM-MAFR-000053-AS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 869 MHz-894 MHz
MAFR-000054-GS1S1R MA-COM-MAFR-000054-GS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 925 MHz-960 MHz
MAFR-000055-DS1S1R MA-COM-MAFR-000055-DS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 1805 MHz-1880 MHz
MAFR-000083-AS1C1T MA-COM-MAFR-000083-AS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 869 MHz-894 MHz
More results

Similar Description - MAFR-000072-DS1C1R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYFR-001387 SKYWORKS-SKYFR-001387 Datasheet
405Kb / 3P
   1805-1880 MHz Single junction Robust Lead Circulator
logo
M/A-COM Technology Solu...
MAFR-000055-DS1S1R MA-COM-MAFR-000055-DS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 1805 MHz-1880 MHz
MAFR-000085-DS1C1T MA-COM-MAFR-000085-DS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1805 MHz-1880 MHz
logo
Skyworks Solutions Inc.
SKYFR-001389 SKYWORKS-SKYFR-001389 Datasheet
406Kb / 3P
   2110-3170 MHz Single Junction Robust Lead Circulator
SKYFR-001722 SKYWORKS-SKYFR-001722 Datasheet
349Kb / 4P
   4500 to 5000 MHz Single Junction Robust Lead Circulator
October 21, 2020
SKYFR-001657 SKYWORKS-SKYFR-001657 Datasheet
454Kb / 4P
   3400 to 3600 MHz Single-Junction Robust Lead Circulator
April 4, 2020
SKYFR-001803 SKYWORKS-SKYFR-001803 Datasheet
392Kb / 4P
   2496 to 2690 MHz Single-Junction Robust Lead Circulator
October 21, 2020
SKYFR-001721 SKYWORKS-SKYFR-001721 Datasheet
338Kb / 4P
   4500 to 5000 MHz Single Junction Robust Lead Circulator
October 21, 2020
SKYFR-001822 SKYWORKS-SKYFR-001822 Datasheet
614Kb / 4P
   3300 to 3800 MHz Single-Junction Robust Lead Circulator
November 12, 2020
SKYFR-001461 SKYWORKS-SKYFR-001461 Datasheet
205Kb / 3P
   2620-26090 MHz Single Junction Robust Lead Circulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com