Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2F35E2 Datasheet(PDF) 10 Page - Megawin Technology Co., Ltd

Part # MPC2F35E2
Description  Low-speed USB micro-controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35E2 Datasheet(HTML) 10 Page - Megawin Technology Co., Ltd

Back Button MPC2F35E2 Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 14Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
MPC2F35_USB Data Sheet
MEGAWIN
Overflow signal
WDT
Qw1
Qw2
Qw4
Qw3
RRRR
System Reset
S
R
Q
Hardware reset
WDT_CLR.7
WDT_ST.7
Fosc/2^18
System Control Registers
Power saving control
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
0200H
PWR_CTL
LVDT
-
-
-
-
-
CKC
HALT
-
LVDT: Low-voltage detector disable bit. 1: Disable, 0: Enable (default)
CKC: Oscillator control bit. 1: Disable OSC, 0: Enable OSC (default)
HALT: FCPU off-line control bit. 1: FCPU off-line, 0: FCPU on-line (default)
When the low-voltage detector is enabled, and if it senses the power voltage is lower than 3.3V, then
MPC2F35 will be reset automatically.
Programmer can switch the normal operation mode to the power-saving mode for reducing power
consumption through this register. There are two power saving modes in MPC2F35.
Stop mode: (PWR_CTL.CKC = 1)
System clock stops the built-in oscillator if setting the CKC bit in the PWR_CTL SFR. MPC2F35 can be
awakened from the stop mode by 4 ways: the port 3 interrupt, the hardware reset, the power-on reset
and the USB wake-up.
Halt mode: (PWR_CTL.HALT = 1)
Setting the HALT bit to let the clock source of MPC2F35 to be in the off-line status, but the oscillator
works or not will be depended on the content of the CKC bit in the PWR_CTL SFR.
MPC2F35 can be awakened from the halt mode by 3 ways: the interrupts (USB, Timer 0, Port3, INT0
and INT1) can be assigned by the RLH_EN register, the hardware reset, or the power-on reset.
FCPU selector
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W


Similar Part No. - MPC2F35E2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results

Similar Description - MPC2F35E2

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
   Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
   Low Speed USB Micro-controller
V1.0
logo
Megawin Technology Co.,...
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
   Low-Speed USB Micro-Controller
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
   Low Speed USB Micro-controller
V2.0
logo
Megawin Technology Co.,...
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
   Full-Speed USB micro-controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com