Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC20-48D05W Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # FDC20-48D05W
Description  SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FDC20-48D05W Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  FDC20-48D05W Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FDC20-48D05W Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
Series
Series
ALL DIMENSIONS IN INCHES (mm)
PIN PITCH TOLERANCE ±0.5 mm
MODEL
FDC20-24S05W
FDC20-24S12W
FDC20-24S15W
FDC20-24D05W
FDC20-24D12W
FDC20-24D15W
FDC20-48S05W
FDC20-48S12W
FDC20-48S15W
FDC20-48D05W
FDC20-48D12W
FDC20-48D15W
INPUT VOLTAGE
9-36VDC
9-36VDC
9-36VDC
9-36VDC
9-36VDC
9-36VDC
18-72VDC
18-72VDC
18-72VDC
18-72VDC
18-72VDC
18-72VDC
OUTPUT VOLTAGE
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
OUTPUT CURRENT
4000mA
1670mA
1330mA
±2000mA
± 833mA
± 666mA
4000mA
1670mA
1330mA
±2000mA
± 833mA
± 666mA
% typ.
EFF
79
81
81
79
81
82
80
81
81
79
83
84
Pin Connections
Pin#
Single
Dual
1
2
3
4
5
6
7
8
+Vin
-Vin
No Pin
Ctrl
No Pin
+Vout
-Vout
Trim
+Vin
-Vin
No Pin
Ctrl
+Vout
Common
-Vout
Trim


Similar Part No. - FDC20-48D05W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-48D05 ETC2-FDC20-48D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-48D05 ASTRODYNE-FDC20-48D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-48D05 P-DUKE-FDC20-48D05 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-48D05 P-DUKE-FDC20-48D05 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-48D05 ASTRODYNE-FDC20-48D05 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-48D05W

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC15-12S33 VOLGEN-FEC15-12S33 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
FDC40-12S33 VOLGEN-FDC40-12S33 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
Total Power Internation...
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
   20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Total Power Internation...
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com