Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M13S128324A_09 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2009
Revision : 2.3
5/50
DC Specifications
Version
Parameter
Symbol
Test Condition
-3.6
-4
-5
-6
Unit
Note
Operation Current
(One Bank Active)
IDD0
tRC = tRC (min) tCK = tCK (min)
Active – Precharge
235
210
175
145
mA
-
Operation Current
(One Bank Active)
IDD1
Burst Length = 2 tRC = tRC (min),
CL= 2.5 IOUT = 0mA,
Active-Read- Precharge
245
220
190
180
mA
-
Precharge Power-down
Standby Current
IDD2P
CKE
≤ V
IL(max), tCK = tCK (min),
All banks idle
40
40
40
40
mA
-
Idle Standby Current
IDD2N
CKE
V
IH(min),
CS
VIH(min), tCK = tCK (min)
135
120
115
95
mA
-
Active Power-down Standby
Current
IDD3P
All banks ACT, CKE
V
IL(max),
tCK = tCK (min)
60
55
50
45
mA
-
Active Standby Current
IDD3N
One bank; Active-Precharge,
tRC = tRAS(max), tCK = tCK (min)
150
130
120
110
mA
-
Operation Current (Read)
IDD4R
Burst Length = 2, CL= 2.5 ,
tCK = tCK (min), IOUT = 0mA
440
400
350
300
mA
-
Operation Current (Write)
IDD4W
Burst Length = 2, CL= 2.5 ,
tCK = tCK (min)
470
430
380
330
mA
-
Auto Refresh Current
IDD5
tRC tRFC(min)
320
290
270
250
mA
-
Self Refresh Current
IDD6
CKE
0.2V
3
3
3
3
mA
1
Note: 1. Enable on-chip refresh and address counters.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.35
-
V
-
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
-
VREF - 0.35
V
-
Input Different Voltage, CLK and CLK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note: 1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of
the same.
Input / Output Capacitance
(VDD = 2.375V~2.625V, VDDQ =2.375V~2. 625V, TA = 25 C
° , f = 1MHz)
(VDD = 2.5V~2.7V, VDDQ =2.5V~2.7V, TA = 25 C
° , f = 1MHz (for speed -3.6))
Parameter
Symbol
Min
Max
Unit
Input capacitance(A0~A11, BA0~BA1, CKE,
CS , RAS , CAS , WE )
CIN1
1
4
pF
Input capacitance (CLK, CLK )
CIN2
1
5
pF
Data & DQS input/output capacitance
COUT
1
6.5
pF
Input capacitance (DM)
CIN3
1
6.5
pF


Similar Part No. - M13S128324A_09

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4LG ESMT-M13S128324A-4LG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-5BG ESMT-M13S128324A-5BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A_09

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com