Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A_09 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128324A_09 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2009
Revision : 2.3
7/50
AC Timing Parameter & Specifications - continued
-3.6
-4
-5
-6
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Half Clock Period
tHP
tCLmin
or
tCHmin
-
tCLmin
or
tCHmin
-
tCLmin
or
tCHmin
-
tCLmin
or
tCHmin
-
ns
DQ-DQS output hold time
tQH
tHP-0.4
-
tHP-0.45
-
tHP-0.45
-
tHP-0.5
-
ns
ACTIVE to PRECHARGE
command
tRAS
11
120K
ns
10
120K
ns
8
120K
ns
7
120K
ns
tCK
Row Cycle Time
tRC
16
-
15
-
12
-
10
-
tCK
AUTO REFRESH Row Cycle Time
tRFC
18
-
17
-
14
-
12
-
tCK
ACTIVE to READ,WRITE delay
tRCD
5
-
5
-
4
-
3
-
tCK
PRECHARGE command period
tRP
4
-
4
-
4
-
3
-
tCK
ACTIVE to READ with
AUTOPRECHARGE command
tRAP
4
-
4
-
4
-
3
-
tCK
ACTIVE bank A to ACTIVE bank B
command
tRRD
3
-
3
-
2
-
2
-
tCK
Write recovery time
tWR
15
-
15
-
15
-
15
-
ns
Write data in to READ command
delay
tWTR
2
-
2
-
2
-
2
-
tCK
Col. Address to Col. Address delay
tCCD
1
-
1
-
1
-
1
-
tCK
Average periodic refresh interval
tREFI
-
7.8
-
7.8
-
7.8
-
7.8
us
Write preamble
tWPRE
0.25
-
0.25
-
0.25
-
0.25
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Clock to DQS write preamble
setup time
tWPRES
0
-
0
-
0
-
0
-
ns
Load Mode Register / Extended
Mode register cycle time
tMRD
2
-
2
-
2
-
2
-
tCK
Exit self refresh to READ
command
tXSRD
200
-
200
-
200
-
200
-
tCK
Exit self refresh to non-READ
command
tXSNR
75
-
75
-
75
-
75
-
ns
Autoprecharge write
recovery+Precharge time
tDAL
(tWR/tCK)
+(tRP/tCK)
-
(tWR/tCK)
+(tRP/tCK)
-
(tWR/tCK)
+(tRP/tCK)
-
(tWR/tCK)
+(tRP/tCK)
-
tCK


Similar Part No. - M13S128324A_09

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4LG ESMT-M13S128324A-4LG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-5BG ESMT-M13S128324A-5BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A_09

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com