Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M13S128324A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2009
Revision : 2.3
2/50
Functional Block Diagram
Pin Arrangement
144(12x12) FBGA
DQS0
VSS
Thermal
DQ4
DQ6
DQ7
DQ17
DQ19
DQS2
DQ21
DQ22
CAS
CS
RAS
DM0
VDDQ
DQ5
VDDQ
DQ16
DQ18
DM2
DQ20
DQ23
WE
NC
NC
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
BA0
NC
DQ3
VDDQ
VSSQ
VSS
VSSQ
VSS
A0
BA1
23
456
78
9
VSSQ
VSSQ
VSSQ
VSSQ
DQ2
DQ1
VSSQ
VSSQ
VSS
A10
A1
A2
DQ0
VDDQ
VDD
VSS
VSS
VDD
A3
A11
DQ31
VDDQ
VDD
VSS
A4
A9
DQ29
DQ30
VSSQ
VSSQ
NC
A6
A5
VSS
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
VDD
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
10
DQ28
VDDQ
VSSQ
VSS
VSS
A7
NC
VSSQ
NC
VSSQ
VDD
VDD
A8/AP
CLK
DM3
VDDQ
DQ26
VDDQ
CKE
CLK
DQS3
DQ27
DQ25
DQ24
NC
VREF
NC
DQ8
VDDQ
NC
DQ15
DQ13
DM1
DQ11
DQ9
NC
DQ14
DQ12
DQS1
DQ10
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
11
12
VDDQ
VDDQ
VDDQ
13
B
C
D
E
F
G
H
J
K
L
M
N
Bank A
Bank D
Bank B
Bank C
DM
DQ
Mode Register &
Extended Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CLK
CKE
CS
RAS
CAS
WE
DLL
DQS
CLK, CLK
DQS


Similar Part No. - M13S128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com