Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128324A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2009
Revision : 2.3
6/50
AC Operating Test Conditions
Parameter
Value
Unit
Input reference voltage for clock (VREF)
0.5*VDDQ
V
Input signal maximum peak swing
1.5
V
Input signal minimum slew rate
1.0
V/ns
Input levels (VIH/VIL)
VREF+0.35/VREF-0.35
V
Input timing measurement reference level
VREF
V
Output timing reference level
VTT
V
AC Timing Parameter & Specifications
(VDD = 2.375V~2.625V, VDDQ=2.375V~2.625V, TA =0 C
°
to 70 C
°)
(VDD = 2.5V~2.7V, VDDQ =2.5V~2.7V, TA = 0 C
°
to 70 C
°
(for speed -3.6))
-3.6
-4
-5
-6
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
CL2
7.5
12
7.5
12
7.5
12
7.5
12
CL2.5
6.0
12
6.0
12
6.0
12
6.0
12
CL3
5.0
12
5.0
12
5.0
12
6.0
12
Clock Period
CL4
tCK
3.6
12
4.0
12
5.0
12
6.0
12
ns
Access time from CLK/ CLK
tAC
-0.6
+0.6
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
ns
CLK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CLK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Data strobe edge to clock edge
tDQSCK
-0.6
+0.6
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
ns
Clock to first rising edge of DQS delay
tDQSS
0.8
1.2
0.8
1.2
0.8
1.2
0.8
1.2
tCK
Data-in and DM setup time (to DQS)
tDS
0.4
-
0.45
-
0.45
-
0.45
-
ns
Data-in and DM hold time (to DQS)
tDH
0.4
-
0.45
-
0.45
-
0.45
-
ns
DQ and DM input pulse width (for each
input)
tDIPW
1.75
-
1.75
-
1.75
-
1.75
-
ns
Input setup time (fast slew rate)
tIS
0.9
-
0.9
-
1.0
-
1.0
-
ns
Input hold time (fast slew rate)
tIH
0.9
-
0.9
-
1.0
-
1.0
-
ns
Control and Address input pulse width
tIPW
2.2
-
2.2
-
2.2
-
2.2
-
ns
DQS input high pulse width
tDQSH
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS input low pulse width
tDQSL
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS falling edge to CLK rising-setup time
tDSS
0.2
-
0.2
-
0.2
-
0.2
-
tCK
DQS falling edge from CLK rising-hold time
tDSH
0.2
-
0.2
-
0.2
-
0.2
-
tCK
Data strobe edge to output data edge
tDQSQ
-
0.4
-
0.4
-
0.45
-
0.45
ns
Data-out high-impedance window from
CLK/ CLK
tHZ
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
ns
Data-out low-impedance window from
CLK/ CLK
tLZ
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
-0.7
+0.7
ns


Similar Part No. - M13S128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com