Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A-5LIG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A-5LIG
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-5LIG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M13S128324A-5LIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ESMT
M13S128324A
Operation Temperature Condition -40~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2007
Revision : 1.0
5/49
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Voltage on VDDQ supply relative to VSS
VDDQ
-0.5 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
2
W
Short circuit current
IOS
50
mA
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operation Condition & Specifications
DC Operation Condition
Recommended operating conditions (Voltage reference to VSS = 0V, TA = -40 to 85 C
°)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage
VDD
2.375
2.625
V
I/O Supply voltage
VDDQ
2.375
2.625
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage (system)
VTT
VREF - 0.04
VREF + 0.04
V
2
Input logic high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
Input logic low voltage
VIL (DC)
-0.3
VREF - 0.15
V
Input leakage current
II
-5
5
μ A
3
Output leakage current
IOZ
-5
5
μ A
Output High Current (Normal strength driver)
(VOUT =VDDQ-0.373V, min VREF, min VTT)
IOH
-16.8
mA
Output Low Current (Normal strength driver)
(VOUT = 0.373V)
IOL
+16.8
mA
Output High Current (Weak strength driver)
(VOUT =VDDQ-0.763V, min VREF, min VTT)
IOH
-9
mA
Output Low Current (Weak strength driver)
(VOUT = 0.763V)
IOL
+9
mA
Notes 1.
VREF is expected to be equal to 0.5* VDDQ of the transmitting device, and to track variations in the DC level of the
same. Peak-to-peak noise on VREF may not exceed 2% of the DC value.
2.
VTT is not applied directly to the device. VTT is system supply for signal termination resistors, is expected to be set
equal to VREF, and must track variations in the DC level of VREF .


Similar Part No. - M13S128324A-5LIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-5LG ESMT-M13S128324A-5LG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-5LG ESMT-M13S128324A-5LG Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A-5LIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com