Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128324A-5LG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A-5LG
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-5LG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A-5LG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S128324A-5LG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2009
Revision : 2.3
8/50
Command Truth Table
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DM
BA0,1
A8/AP
A11~A9,
A7~A0
Note
Register
Extended MRS
H
X
L
L
L
L
X
OP CODE
1,2
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
XX
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column
Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
4
Auto Precharge Disable
L
4
Write &
Column
Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
4,6
Burst Stop
H
X
L
H
H
L
X
X
7
Bank Selection
V
L
Precharge
All Banks
H
X
L
L
H
L
X
X
H
X
5
H
X
X
X
Entry
H
L
L
V
V
V
X
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down
Mode
Exit
L
H
L
V
V
V
X
X
DM
H
X
V
X
8
H
X
X
X
No Operation Command
H
X
L
H
H
H
XX
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note:
1. OP Code: Operand Code. A0~A11 & BA0~BA1: Program keys. (@EMRS/MRS)
2. EMRS/MRS can be issued only at all banks precharge state.
A new command can be issued 1 clock cycles after EMRS or MRS.
3. Auto refresh functions are same as the CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by “Auto”.
Auto/self refresh can be issued only at all banks precharge state.
4. BA0~BA1: Bank select addresses.
If both BA0 and BA1 are “Low” at read, write, row active and precharge, bank A is selected.
If BA0 is “High” and BA1 is “Low” at read, write, row active and precharge, bank B is selected.
If BA0 is “Low” and BA1 is “High” at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are “High” at read, write, row active and precharge, bank D is selected.
5. If A8/AP is “High” at row precharge, BA0 and BA1 are ignored and all banks are selected.
6. During burst write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after end of burst.
7. Burst stop command is valid at every burst length.
8. DM sampling at the rising and falling edges of the DQS and Data-in are masked at the both edges (Write DM latency is 0).


Similar Part No. - M13S128324A-5LG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-5LG ESMT-M13S128324A-5LG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A-5LG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com