Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP15U-24S Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SP15U-24S
Description  15 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SP15U-24S Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SP15U-24S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SP15U-24S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65
MODEL
SP15U-03S
SP15U-05S
SP15U-12S
SP15U-15S
SP15U-24S
SP15U-48S
OUTPUT VOLTAGE
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
48 VDC
OUTPUT CURRENT
@100V
@230V
3.0 A
3.0 A
1.3 A
1.0 A
0.7 A
0.35 A
3.6 A
3.6 A
1.5 A
1.2 A
0.8 A
0.4 A
EFFICIENCY
70%
73%
77%
77%
78%
79%
LINE REGULATION
20 mV max.
20 mV max.
30 mV max.
30 mV max.
30 mV max.
30 mV max.
LOAD REGULATION
40 mV max.
50 mV max.
50 mV max.
50 mV max.
50 mV max.
50 mV max.
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SP15U


Similar Part No. - SP15U-24S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP15U-24S ETC1-SP15U-24S Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SP15U-24S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPN75-05S VOLGEN-SPN75-05S Datasheet
290Kb / 2P
   75 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SP50U ETC1-SP50U Datasheet
332Kb / 2P
   50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SPN150-05S VOLGEN-SPN150-05S Datasheet
303Kb / 2P
   150 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN150 ETC1-SPN150 Datasheet
298Kb / 2P
   150 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP50U-03S VOLGEN-SP50U-03S Datasheet
337Kb / 2P
   50 WATT,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN75 ETC1-SPN75 Datasheet
285Kb / 2P
   75 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SP30U ETC1-SP30U Datasheet
302Kb / 2P
   30 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP30U-03S VOLGEN-SP30U-03S Datasheet
307Kb / 2P
   30 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN100-05S VOLGEN-SPN100-05S Datasheet
287Kb / 2P
   100 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX15U-05S VOLGEN-SX15U-05S Datasheet
366Kb / 2P
   15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com