Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU12B-102 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPU12B-102
Description  15W Wall Mount Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU12B-102 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPU12B-102 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU12B-102 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU12B SERIES
15W Wall Mount Switching Power Supplies For I.T.E.
Safety Specifications:
Output Voltage And Current Rating Chart ( Single Output ) :
Mechanical Specifications: ( UK Type )
Note:
1. Dimensions are shown in mm.
2. Weight: 115gs approx.
3. Optional output connector:
See page Appendix.
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU12B-101
3 ~ 15 VDC
3.30 ~ 2.00 A
7%
10W
SPU12B-102
5 ~ 16 VDC
2.00 ~ 1.66 A
5%
10W
SPU12B-103
6 ~ 18 VDC
1.66 ~ 1.25 A
5%
10W
SPU12B-104
8 ~ 11 VDC
1.50 ~ 1.09 A
5%
12W
SPU12B-105
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
SPU12B-106
13 ~ 16 VDC
1.15 ~ 0.93 A
5%
15W
SPU12B-107
16 ~ 21 VDC
0.93 ~ 0.71 A
3%
15W
SPU12B-108
21 ~ 27 VDC
0.71 ~ 0.55 A
3%
15W
SPU12B-109
27 ~ 33 VDC
0.59 ~ 0.48 A
3%
16W
SPU12B-110
33 ~ 40 VDC
0.45 ~ 0.37 A
3%
15W
SPU12B-111
40 ~ 50 VDC
0.37 ~ 0.30 A
3%
15W
(OPTIONAL)
Parameter
Te s t Conditions
Min. Typ . Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
B
CLASS
EMI requirements for FCC PART-15


Similar Part No. - SPU12B-102

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
SPU12A-101 ASTRODYNE-SPU12A-101 Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU12A-101 VOLGEN-SPU12A-101 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU12A-102 ASTRODYNE-SPU12A-102 Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU12A-102 VOLGEN-SPU12A-102 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
More results

Similar Description - SPU12B-102

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU12C-101 VOLGEN-SPU12C-101 Datasheet
213Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
SPU12A-101 VOLGEN-SPU12A-101 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU16A DBLECTRO-SBU16A Datasheet
349Kb / 2P
   15W Open frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU10 TOTAL-POWER-TPSPU10 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU16C TOTAL-POWER-TPSPU16C Datasheet
440Kb / 2P
   15W Desk Top Switching Power Supplies for I.T.E
logo
Astrodyne Corporation
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SPU15A-101 VOLGEN-SPU15A-101 Datasheet
392Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com