Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU12B-110 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # SPU12B-110
Description  15W Wall Mount Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU12B-110 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  SPU12B-110 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU12B-110 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
Operating Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
15
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC
0.3
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
60
70
78
%
REG-i Line Regulation
Io=Full Load
0.5
1
%
REG-o Load Regulation
Vin=230VAC
3
7
%
OVP
Over Voltage Protection
Nil
%
OCP
Over Current Protection
Nil But,Output protected to short circuit conditions
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold Hold-Up Time
Io=Full Load, Vin=110VAC
5
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
Electrical Characteristics:
SPU12B SERIES
Environmental :
15W Wall Mount Switching Power Supplies For I.T.E.
The SPU12B series of AC/DC switching mode power
supplies provide 15 Watts of continuous output power. All
supplies are UL 94V-1 min compliant, include a 3 prong
plug-in mains connector for certain applications. All models
meet CISPR-22 class B emission Limits and are designed to
comply with new CE requirements. All units are 100%
burned in and tested.
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
3 Prong Plug-In Mains Connector
Output Voltage Available From 3VDC Thru 50VDC
Optional Output Connector (See appendix)
Single Output
Class II Insulation (Double Insulation)
Two years warranty
Safety Approvals:
Description:
Features:
CB
CB
Hr
Relative Humidity
5
95
%
Toper
Operating Temperature
Tstg
Storage Temperature
Pd
0
70
85
-40
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 40 C to 50% load at 70 C
Te s t Conditions
C
C
No-Condensing


Similar Part No. - SPU12B-110

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
SPU12A-101 ASTRODYNE-SPU12A-101 Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU12A-101 VOLGEN-SPU12A-101 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU12A-102 ASTRODYNE-SPU12A-102 Datasheet
547Kb / 3P
   10-15 Watt Wallmount Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU12A-102 VOLGEN-SPU12A-102 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
More results

Similar Description - SPU12B-110

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU12C-101 VOLGEN-SPU12C-101 Datasheet
213Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
SPU12A-101 VOLGEN-SPU12A-101 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU16A DBLECTRO-SBU16A Datasheet
349Kb / 2P
   15W Open frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU10 TOTAL-POWER-TPSPU10 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU16C TOTAL-POWER-TPSPU16C Datasheet
440Kb / 2P
   15W Desk Top Switching Power Supplies for I.T.E
logo
Astrodyne Corporation
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SPU15A-101 VOLGEN-SPU15A-101 Datasheet
392Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com