Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD-1502 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # STD-1502
Description  ADAPTER-30W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-1502 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  STD-1502 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-1502 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBERS
NO
MODEL NAME Voltage(V) Current(A) Power(W)
1
STD-0505
5
5
25
2
STD-0903
9
3
27
3
STD-1225
12
2.5
30
4
STD-1502
15
2
30
5
STD-2412
24
1.25
30
MECHANICAL DRAWING
INLET
2PIN
2PIN
2PIN
2PIN
2PIN
Kaga Electronics (USA) Inc.
www.volgen.com
information@volgen.com


Similar Part No. - STD-1502

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-15010T VOLGEN-STD-15010T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-15013T VOLGEN-STD-15013T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-1504 VOLGEN-STD-1504 Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
STD-1506 VOLGEN-STD-1506 Datasheet
113Kb / 2P
   ADAPTER - 90W
More results

Similar Description - STD-1502

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG30RAV CINCON-TRG30RAV Datasheet
268Kb / 2P
   30W SWITCHING ADAPTER
TRG30R CINCON-TRG30R Datasheet
276Kb / 2P
   30W SWITCHING ADAPTER
logo
Power Integrations, Inc...
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
logo
CINCON ELECTRONICS Corp...
TR30RAM CINCON-TR30RAM Datasheet
304Kb / 2P
   30W MEDICAL SWITCHING ADAPTER
TR30RDM CINCON-TR30RDM Datasheet
372Kb / 2P
   30W MEDICAL SWITCHING ADAPTER
logo
Phihong USA Inc.
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
   30W Power over Ethernet Adapter
POE31U PHIHONG-POE31U Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com