Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU45E-301 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # SPU45E-301
Description  50W Desk Top Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU45E-301 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  SPU45E-301 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU45E-301 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
50
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.35
A
Iih
Input Current (High Line)
Io=Full load, Vin=230 VAC
0.7
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
70
75
80
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
5
10
%
OVP
Over Voltage Protection
(Optional)
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=100VAC
10
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Pea k to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
SPU45E SERIES
The SPU45E series of AC/DC switching mode power supplies
provide 50 Watts of continuous output power. All supplies are
UL 94V-0 compliant, include IEC-320-C14 input for worldwide
applications. All models meet FCC Part-15 class B and CISPR-
22 class B emission Limits and are designed to comply with UL,
C-UL, TUV and CE requirements. All units are 100% burned in
and tested.
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
IEC-320-C14 Input Inlet
Single to Triple Output
Output Voltage Available From 2VDC Thru 50VDC
Optional Output Connector (See appendix)
Input Surge Current, And Over Load protection
Splash proof
Class I Insulation
Two Years Warranty
Safety Approvals :
Electrical Characteristics:
Safety Specifications:
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Toper
Operating Temperature
0
70
°c
Tstg
Storage Temperature
-40
85
°c
Hr
Relative Humidity
5
95
%
Pd
Derate linearly from 100% load at 40
°c to 50% load at 70°c
Environmental :
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vps
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Vpg
Dielectric Withstanding Voltage
for Primary to ground
Primary to ground
2121
VDC
Ri
Isolation Resistance
Test Voltage = 500VDC
50
M
W
CISPR EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
FCC
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
50W Desk Top Switching Power Supplies For I.T.E.
CB
Product Safety
Description:
Features:


Similar Part No. - SPU45E-301

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU45E-301 TRUMPOWER-SPU45E-301 Datasheet
58Kb / 1P
   Desktop Adapters
More results

Similar Description - SPU45E-301

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Total Power Internation...
TPSPU65 TOTAL-POWER-TPSPU65 Datasheet
190Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU20B ASTRODYNE-SPU20B Datasheet
326Kb / 2P
   20W Desk Top Switching Power Supplies For I.T.E
SPU25B ASTRODYNE-SPU25B Datasheet
334Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com