Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC048A030M021TP Datasheet(PDF) 6 Page - Vicor Corporation

Part # BC048A030M021TP
Description  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A030M021TP Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BC048A030M021TP Datasheet HTML 2Page - Vicor Corporation BC048A030M021TP Datasheet HTML 3Page - Vicor Corporation BC048A030M021TP Datasheet HTML 4Page - Vicor Corporation BC048A030M021TP Datasheet HTML 5Page - Vicor Corporation BC048A030M021TP Datasheet HTML 6Page - Vicor Corporation BC048A030M021TP Datasheet HTML 7Page - Vicor Corporation BC048A030M021TP Datasheet HTML 8Page - Vicor Corporation BC048A030M021TP Datasheet HTML 9Page - Vicor Corporation BC048A030M021TP Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bus Converter Module
BC048A030T021FP
vicorpower.com
Rev. 1.0
Page 6 of 11
SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
2,250
Vdc
Input to output
Capacitance
3,000
pF
Input to output
Resistance
10
Input to output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
RoHS
Mechanical
See Mechanical Drawings, Figure 18, 19
Weight
1.10/31,3
oz /g
Dimensions
Length
1.91/ 48,6
in / mm
Baseplate model
Width
1.09/ 27,7
in / mm
Baseplate model
Height
0.37/ 9,5
in / mm
Baseplate model
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
23.8
Ws /°C
Baseplate to ambient
7.7
°C / W
Baseplate to ambient; 1000 LFM
2.9
°C / W
Baseplate to sink; flat greased surface
0.40
°C / W
Baseplate to sink; thermal pad
0.36
°C / W
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
255
ms
Disable delay time
40
µs
See Figure 12, time from PC low to output low
Auxiliary Pins
Figure 12 — VOUT at full load vs. PC disable
Figure 13 — PC signal during fault


Similar Part No. - BC048A030M021TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Similar Description - BC048A030M021TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com