Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-143 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AM-143
Description  Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-143 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM-143 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-143 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-143 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Noise Amplifier, 16 dB Gain,
5 - 500 MHz
Rev. V4
AM-143 / AMC-143
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves


Similar Part No. - AM-143

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
539Kb / 4P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
AM-143-AMC-143 MA-COM-AM-143-AMC-143_15 Datasheet
85Kb / 3P
   Low Noise Amplifier
logo
DATEL, Inc.
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
More results

Similar Description - AM-143

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143_15 Datasheet
539Kb / 4P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
   High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
Tyco Electronics
AM-AMC-151 MACOM-AM-AMC-151 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com