Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-153 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-153
Description  Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-153 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-153 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-153 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier, 12 dB Gain,
300 - 1800 MHz
Rev. V3
AM-153
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Part Number
Package
AM-153 PIN
3
TO-8-1
3. Mounting kit part number AU00071 required for PCB
applications.


Similar Part No. - AM-153

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
logo
Tyco Electronics
AM-153PIN MACOM-AM-153PIN Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
   Low Noise Amplifier, 12 dB Gain
More results

Similar Description - AM-153

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
PREMIER DEVICES, INC.
L1935 PDI-L1935 Datasheet
41Kb / 2P
   Low Noise Amplifier 1800-1950 MHz, 35 dB Gain, 0.9dB Noise Figure
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
   Low Noise Amplifier, 12 dB Gain
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com