Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-162PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-162PIN
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-162PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-162PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-162PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-162PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
12.0
12.5
13.0
Frequency Response
dB
±0.6
Gain Variation with
Temperature
dB
±0.6
1 dB Compression
Output Power
dBm
+13
Noise Figure
dB
1.6
Reverse Transmission
dB
-15
-14
VSWR
Ratio
2.0:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+40
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+26
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
11
15
Power Dissipation
@ +15 V Bias
mW
165
Frequency
50 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
10 - 100 MHz
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.07/165
4.06/66
0.18
0.09/169.1
20
0.09/-166.8
4.13/-6.5
0.17
0.09/-159.2
30
0.08/-151.5
4.18/-15.8
0.17
0.09/-129.5
40
0.10/-146.9
4.20/-24.0
0.17
0.11/-120.3
50
0.11/-147.9
4.23/-32.2
0.17
1
0.12/-117.7
60
0.11/-152.0
4.19/-39.8
0.17
0.13/-118.5
70
0.12/-159.7
4.20/-47.7
0.17
0.14/-120.3
85
0.12/-171.2
4.17/-59.5
0.16
0.14/-122.6
100
0.12/174.1
4.15/-72.1
0.16
0.15/-123.6
S-Parameter Data


Similar Part No. - AM-162PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-162PIN MACOM-AM-162PIN Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-162PIN MACOM-AM-162PIN Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

Similar Description - AM-162PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain,
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com