Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD-PSF3-LA1-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # SCD-PSF3-LA1-CF
Description  SC Type Optical Fiber Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SCD-PSF3-LA1-CF Datasheet(HTML) 1 Page - DDK Ltd.

  SCD-PSF3-LA1-CF Datasheet HTML 1Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 2Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 3Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 4Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 5Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 6Page - DDK Ltd. SCD-PSF3-LA1-CF Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
SCD Series
SCD Series represents SC type connectors
complying with JIS F04 type specifications.
These push-on type connectors for optical
fibers are available for the equipment used for
transmission systems of the optical communi
-
cation subscriber systems, LAN, and factory
and office automation.
Having the same performance with as the FC
type optical connectors (engaged by screw
thread), the connectors of this series are
designed for the single-mode and multi-mode
optical fibers.
The push-on mechanism of the connector allows
its connection to receptacle and adapter with just one touch.
Kepler can be fixed by bonding or crimping, improving its workability.
Compact and light because zirconia ferrule and plastic housing are used.
It is a PC (Physical Contact) type connector implementing low insert loss and low reflection, attaining
stable performance.
Medium- and long-distance optical transmission lines, LAN, CATV, factory automation, office automation,
measurement apparatuses, links, etc.
JIS C 5973 (F04 type single-conductor optical fiber connector), IEC60871-14 (single-conductor),
IEC60874-19 (two-conductor)
SC Type Optical Fiber Connector
FEATURE
Use
Applicable Standard
Specifications
Insert loss
Fiber
SM 10/125
GI 50/125
Flat polishing
1.0 dB or less
0.6 dB or less
PC polishing
0.5 dB or less
0.3 dB or less
Reflective attenuation
PC polishing
22 dB or more
22 dB or more
Range of operational temperature
-25℃ to +70℃
Count of repeated attaching and removal
500 times (complying with JIS C-5973)
1
SCD
RoHS Compliant


Similar Part No. - SCD-PSF3-LA1-CF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
   SINGLE CABLE DUCT
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181N SOCAY-SCD-181N Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-201M SOCAY-SCD-201M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
More results

Similar Description - SCD-PSF3-LA1-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
   FC Type Optical-Fiber Connector
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
OPLINK Communications I...
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
   Waterproof Fiber Optical
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com