Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-60B Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # D-60B
Description  60W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

D-60B Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  D-60B Datasheet HTML 1Page - RSG Electronic Components GmbH D-60B Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
CH2
5V
CH1
24V
CH2
3A
3A
1.8A
0.2~4A
0.3~6A
0.2~2.2A
58W
150mVp-p
75mVp-p
150mVp-p
6.0%
2.0%
5.0%
1.0%
0.5%
0.5%
4.0%
0.5%
4.0%
300ms,50ms/230VAC
800ms,50ms/115VACatfullload
80ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
73%
76%
2A/115VAC1A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
5V:5.75~6.75V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
UL1012,UL60950, TUVEN60950 Approved
CompliancetoEN55022(CISPR22)ClassB
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
301.2Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:D-60-SPEC2005-09-13
5V
4A
0.3~6A
56W
75mVp-p
2.0%
0.5%
0.5%
D-60A
D-60B
0.54Kg;24pcs/13.8Kg/0.75CUFT
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
CH1:4.75~5.5V
CH1:4.75~5.5V
60WDualOutputSwitchingPowerSupply
Universal AC input/Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 54KHz
2 years warranty
Features :
D - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
CH1
OUTPUTNUMBER
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - D-60B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
D-60B TOTAL-POWER-D-60B Datasheet
32Kb / 1P
   TOTAL POWER INT. D60 AC-DC 60W POWER SUPPLY WITH DUAL OUTPUT
logo
Mean Well Enterprises C...
D-60B MEANWELL-D-60B Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
logo
XP Power Limited
D-60B XPPOWER-D-60B Datasheet
258Kb / 4P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60B MEANWELL-D-60B Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
More results

Similar Description - D-60B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
logo
XP Power Limited
D-60A XPPOWER-D-60A Datasheet
258Kb / 4P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com