Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # CL1
Description  Thin Film Limiter Module 5 to 3000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CL1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  CL1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CL1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CL1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thin Film Limiter Module
5 to 3000 MHz
Rev. V2
L1 / SML1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8
*
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - CL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL1 MACOM-CL1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Eaton All Rights Reserv...
CL1 EATON-CL1 Datasheet
69Kb / 1P
   Type CL 1-inch Classified Replacement Breaker
logo
Dialight Corporation
CL1-230-BL-P DIALIGHT-CL1-230-BL-P Datasheet
161Kb / 2P
   CL1 SERIES COVELED1
CL1-230-CW-P DIALIGHT-CL1-230-CW-P Datasheet
161Kb / 2P
   CL1 SERIES COVELED1
More results

Similar Description - CL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SML1 MACOM-SML1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
M/A-COM Technology Solu...
L42 MA-COM-L42 Datasheet
1Mb / 3P
   Thin Film Limiter Module 50 to 4000 MHz
logo
Tyco Electronics
L42 MACOM-L42 Datasheet
437Kb / 3P
   Thin Film Limiter Module 50 to 4000 MHz
logo
M/A-COM Technology Solu...
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
   Thin Film Limiter Module
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
   Thin Film Limiter Module
logo
Teledyne Technologies I...
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
   5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
UTOUTC0554 TELEDYNE-UTOUTC0554 Datasheet
175Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 500 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1058 TELEDYNE-UTOUTC1058 Datasheet
140Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1501 TELEDYNE-UTOUTC1501 Datasheet
178Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com